PART |
Description |
Maker |
SB250-05H |
50V, 25A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 50V 25A Rectifier
|
SANYO[Sanyo Semicon Device]
|
GBJ2508-F GBJ2506-F GBJ25005-F GBJ2504-F |
25A GLASS PASSIVATED BRIDGE RECTIFIER 25 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 25A GLASS PASSIVATED BRIDGE RECTIFIER 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diodes Inc. Diodes, Inc. Micro Commercial Components, Corp.
|
GBPC25005W GBPC2501 GBPC2510 GBPC2510W GBPC25005 G |
Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 25A GLASS PASSIVATED BRIDGE RECTIFIER 8 A, 5-V Input Non-Isolated Wide-Output Adjust SIP Module w/Auto-Track 8-SIP MODULE -40 to 85 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50-A, 8-V to 14-V Input, Non-Isolated, Wide-Output Adjust, Vertical Power Module 21-DIP MODULE -40 to 85 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Isolated Flyback Switching Regulator with 9V Output 25 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
MIP0221SY MIP0222SY MIP0223SY MIP0224SY MIP0225SY |
Silicon MOS IC ISOLATOR, INT'LOCK 25A 3 POLEISOLATOR, INT'LOCK 25A 3 POLE; Poles, No. of:3; Current rating:25A; Approval Bodies:UL, CSA; IP rating:IP55; Power, switching AC3 max:13kW
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
1N1206RA 1N1202A 1N1202RA JAN1N1202A 1N1204RA 1N36 |
12A silicon power rectifier, 200V 12A silicon power rectifier, 1000V Military Silicon Power Rectifier 12A silicon power rectifier, 400V 12A silicon power rectifier, 600V 12A silicon power rectifier, 800V
|
MICROSEMI[Microsemi Corporation] http://
|
3PF0 3PF8 |
RECTIFIER, up to 1kV, 3.25A, 300ns 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 轴向快速恢复整流800 1000五,木卫一\u003d 3.25 Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.25A,快速恢复整流二极管) Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.25A,快速恢复整流二极管)
|
Semtech, Corp. Semtech Corporation
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
ASI10652 TVU150 |
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator UHF BAND, Si, NPN, RF POWER TRANSISTOR NPN Silicon RF Power Transistor(Ic:25A,Vcbo: 28 V,Vceo: 60 V,Vebo: 3.5 V)(NPN 硅型射频功率晶体Ic:25A,Vcbo: 28 V,Vceo: 60 V,Vebo: 3.5 V))
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
MB251W-BP MB254W-BP MB2510W-BP MB2505W-BP MB256W-B |
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 25A 1000V WIRE LEADS 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
SBA250-04R |
40V/ 25A Rectifier Schottky Barrier Diode (Twin Type ?Cathode Common) 40V, 25A Rectifier Schottky Barrier Diode (Twin Type ・ Cathode Common) 40V, 25A Rectifier(用于高频整流应用的重复反向电0V,平均整流电5A 整流
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
RJK0854DPB-00-J5 |
80V, 25A, 13 m max. Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|